saw bandpass filter F6751 part no. F6751 rev. date 2012-08-30 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. ncnh02-as01 1/7 4 5 6 1 23 1 23 65 4 features rf bandpass filter high attenuation no matching 50 w single-ended operation ceramic surface mounted device (smd) package ( 3.0 m m * 3.0 mm ) rohs compliant package dimensions dimensions shown are nominal in millimeters body : al 2 o 3 ceramic lid : kovar, ni plated terminations : au plating 0.3 ~ 1.0 um, over a 1.27 ~ 8.89 um ni plating maximum ratings parameter unit minimum typical maximum operating temperature range 0 25 50 storage temperature range -30 25 85 power handling capability dbm - - 10 electrostatics sensitive device ( esd ) pin configuration 2 input 5 output 1, 3, 4, 6 case ground i 6751
saw bandpass filter F6751 part no. F6751 rev. date 2012-08-30 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. ncnh02-as01 2/7 specifications fc = 675 mhz notes : 1) all specifications are based on the matching s chematic shown below, measured by agilent network a nalyzer and full 2 port calibration. 2) electrical margin has been built into the design to account for the variations due to temperature d rift and manufacturing tolerances minimum typical maximum unit center frequency ( fc ) - 675 - mhz insertion loss (at fc) - 1.6 2.2 db vswr (at fc) - 1.3 2.0 relative attenuation 608 ~ 614 mhz 736 ~ 742 mhz 1283 ~ 1289 mhz 1411 ~ 1417 mhz 1958 ~ 1964 mhz 2086 ~ 2092 mhz 20 20 45 45 35 33 60 65 58 55 44 40 - - - - - - db input/output impedance 50 ohms
saw bandpass filter F6751 part no. F6751 rev. date 2012-08-30 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. ncnh02-as01 3/7 input 50 output 50 matching schematic ( actual matching values may vary due to pcb layout a nd parasitics ) marking configuration 1) i 2) 6751 3) 1) pad number 1 index 2) manufacturer name 3) marking number * ink or laser marking available
saw bandpass filter F6751 part no. F6751 rev. date 2012-08-30 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. ncnh02-as01 4/7 typical performance ( at 25 )
saw bandpass filter F6751 part no. F6751 rev. date 2012-08-30 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. ncnh02-as01 5/7 input / output vswr charts input / output smith charts
saw bandpass filter F6751 part no. F6751 rev. date 2012-08-30 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. ncnh02-as01 6/7 packing specification 1. reeling quantity : 3000 pcs / 13 reel ( or 1000 pcs / 7 reel ) 2. taping structure : the tape shall be wound around t he reel in the direction shown below. tape specification 1. leader part and vacant position specification 2. tensile strength of carrier tape 4.4n/mm width 3. top cover tape adhesion 1) pull off angle : 0~15 2) speed : 300mm/min 3) force : 20~70g reel reel reel reel top cover tape top cover tape top cover tape top cover tape carrier tape carrier tape carrier tape carrier tape end end end end start start start start tape running direction vacant 150mm min. component contained vacant 150mm min. leader part 250mm min. 0~ 15 degree top cover tape direction of pull carrier tape
saw bandpass filter F6751 part no. F6751 rev. date 2012-08-30 i t f co., ltd. 102-901, bucheon technopark 364, samjeong-dong, ojeong-gu, bucheon-city, gyounggi-do, korea 421-809 rev. ncnh02-as01 7/7 carrier tape dimensions [unit : mm] part direction reel dimensions [unit : mm] a 3.40 0.1 b 3.40 0.1 c 7.25 0.1 d 1.70 0.1 e 12.00 0.1 f 8.00 0.1 tape running direction
|